Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS932 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS932
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS932 Datasheet(HTML) 5 Page - STMicroelectronics

  TS932 Datasheet HTML 1Page - STMicroelectronics TS932 Datasheet HTML 2Page - STMicroelectronics TS932 Datasheet HTML 3Page - STMicroelectronics TS932 Datasheet HTML 4Page - STMicroelectronics TS932 Datasheet HTML 5Page - STMicroelectronics TS932 Datasheet HTML 6Page - STMicroelectronics TS932 Datasheet HTML 7Page - STMicroelectronics TS932 Datasheet HTML 8Page - STMicroelectronics TS932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
TS931-TS932-TS934
5/15
Figure 1:
Figure 2:
Figure 3:
Temperature (°C)
-40
-20
0
20
40
60
80
-150
-100
-50
0
50
Vcc=5V
02
4
6
8
10
12
0
2
4
6
8
10
12
Supply Voltage (V)
Vid=-100mV
Vid=+100mV
Tamb=25°C
Tamb=25°C
-40
-20
0
20
40
60
80
-6
-4
-2
0
2
4
6
Isink, Vcc=3V
Isink, Vcc=5V
Isource, Vcc=5V
Temperature (°C)
Isource, Vcc=3V
Figure 4:
Figure 5:
Figure 6:
02
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
Supply Voltage (V)
Tamb=25°C
Tamb=25°C
Temperature (°C)
-40
-20
0
20
40
60
80
16
17
18
19
20
21
Vcc from 2.7V to 10V
2468
10
-30
-20
-10
0
10
20
30
Source
Sink
Tamb=25°C
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com