Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS1852
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS1852 Datasheet HTML 9Page - STMicroelectronics TS1852 Datasheet HTML 10Page - STMicroelectronics TS1852 Datasheet HTML 11Page - STMicroelectronics TS1852 Datasheet HTML 12Page - STMicroelectronics TS1852 Datasheet HTML 13Page - STMicroelectronics TS1852 Datasheet HTML 14Page - STMicroelectronics TS1852 Datasheet HTML 15Page - STMicroelectronics TS1852 Datasheet HTML 16Page - STMicroelectronics TS1852 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TS1851-TS1852-TS1854
Electrical characteristics
13/25
Figure 31.
Slew rate vs. temperature
Figure 32.
Slew rate vs. temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
positive Slew Rate
VCC = 3V
gain = +1
Vin = 1 to 2V
RL = 10kohms
CL = 100 pF
negative Slew Rate
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
0.21
0.22
positive Slew Rate
VCC = 5V
gain = +1
Vin = 2 to 3V
RL = 10kohms
CL = 100 pF
negative Slew Rate
Figure 33.
Phase margin vs. load capacitor
Figure 34.
Phase margin vs. output current
10
100
1000
10000
Load Capacitor (pF)
-10
0
10
20
30
40
50
60
70
VCC = 3V
gain = -1
-10
-5
0
5
10
DC Output Current (mA)
55
60
65
70
75
80
85
VCC = 3V
RL = 2 kohms
CL = 100 pF
Figure 35.
Equivalent input noise vs.
frequency
Figure 36.
Distortion vs. output voltage
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0
10
20
30
40
50
VCC = 1.8V
gain = 100
Rs = 100 ohms
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
Output Voltage (V)
0.001
0.010
0.100
1.000
10.000
RL = 10kohms
VCC = 1.8V
f = 1kHz
T = 25°C
gain = -1
RL = 2kohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com