Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1852 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS1852
Description  1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1852 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS1852 Datasheet HTML 17Page - STMicroelectronics TS1852 Datasheet HTML 18Page - STMicroelectronics TS1852 Datasheet HTML 19Page - STMicroelectronics TS1852 Datasheet HTML 20Page - STMicroelectronics TS1852 Datasheet HTML 21Page - STMicroelectronics TS1852 Datasheet HTML 22Page - STMicroelectronics TS1852 Datasheet HTML 23Page - STMicroelectronics TS1852 Datasheet HTML 24Page - STMicroelectronics TS1852 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Ordering information
TS1851-TS1852-TS1854
24/25
5
Ordering information
6
Revision history
Table 6.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS1851ID/IDT
-40°C to +125°C
SO-8
Tube or
Tape & reel
1851I
TS1851IAID/AIDT
1851AI
TS1851ILT
SOT23-5L
Tape & reel
K161
TS1851AILT
K162
TS1852IN
DIP8
Tube
1852IN
TS1852AIN
1852AIN
TS1852ID/IDT
SO-8
Tube or
Tape & reel
1852I
TS1852AID/AIDT
1852AI
TS1852IPT
TSSOP8
(Thin shrink outline package)
Tape & reel
1852I
TS1852AIPT
1852A
TS1852IST
MiniSO-8
Tape & reel
K161
TS1852AIST
K162
TS1854IN/AIN
DIP14
Tube
1854IN
TS1854ID/IDT
SO-14
Tube or
Tape & reel
1854I
TS1854AID/AIDT
1854AI
TS1854IPT
TSSOP14
(Thin shrink outline package)
Tape & reel
1854I
TS1854AIPT
1854A
Date
Revision
Changes
Feb-2002
1
First release.
May-2005
2
Modifications on AMR Table 1 on page 3 (explanation of Vid and Vi limits)
22-May-2007
3
Added limits in temperature in Table 3, Table 4, and Table 5.
Added SVR in Table 5 (SVR parameter removed from Table 3 and Table 4).
Added equivalent input voltage noise in Table 3, Table 4, and Table 5.
Added Rthjc values in Table 1 on page 3.
Updated Table 6: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com