Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS6021 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS6021
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6021 Datasheet(HTML) 3 Page - International Rectifier

  IPS6021 Datasheet HTML 1Page - International Rectifier IPS6021 Datasheet HTML 2Page - International Rectifier IPS6021 Datasheet HTML 3Page - International Rectifier IPS6021 Datasheet HTML 4Page - International Rectifier IPS6021 Datasheet HTML 5Page - International Rectifier IPS6021 Datasheet HTML 6Page - International Rectifier IPS6021 Datasheet HTML 7Page - International Rectifier IPS6021 Datasheet HTML 8Page - International Rectifier IPS6021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IPS6021(S)(R)PbF
Static Electrical Characteristics
Max.
Units
Test Conditions
Tj=25°C, Vcc=14V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
ON state resistance Tj=25°C
⎯
24
30
5
1
Vin= V, Iout= 0A
ON state resistance Tj=150°C
⎯
42
52
0A
Vin=5V, Iout=1
O
⎯
29
36
A
N state resistance Tj=25°C, Vcc=6V
Vin=5V, Iout=5
Rds(on)
ON state resistance during reverse battery
⎯
31
39
m
Ω
-Gn
V
Vcc
d=14
Vcc op.
Operating voltage range with short circuit
p
6
⎯
28
rotection
V clamp 1
V
39
⎯
t=40
cc to Out clamp voltage 1
37
Iou
mA
V clamp 2
Vcc to Out clamp voltage 2
⎯
40
42
V
t=8A
Fig
Iou
(see
. 1)
Icc Off
S
⎯
4
9
µA
=0V
t=0V
upply current when Off
Vin
, Vou
Icc On
S
⎯
2.2
5
mA
5V
upply current when On
Vin=
Vih
Input high threshold voltage
⎯
2.5
2.9
Vil
Input low threshold voltage
⎯
1.5
2
In hyst.
Input hysteresis
V
0.2
0.5
1
Iin On
Input current when device is On
=5V
⎯
40
100
Vin
Idg
D
g=5V
g leakage current
⎯
0.1
10
µA
Vd
Vdg
Low level DG voltage
5
0.4
V
=1.
⎯
0.2
Idg
6mA
Sw ching
Vcc=14V, Resistive load=6
Ω, Vin=5V, Tj=25°C
Max.
Units
T
Conditions
it
Electrical Characteristics
Symbol
Parameter
Min.
Typ.
est
Tdon
Turn-on delay time
⎯
14
28
Tr1
Rise time to Vout=Vcc-5V
⎯
10
28
Tr2
Rise time to Vout=0.9 x Vcc
⎯
18
50
µs
dV/dt (On)
Turn On dV/dt
⎯
0.8
1.5
V/µs
EOn
Turn On energy
⎯
250
⎯
µJ
Tdoff
Turn-off delay time
⎯
40
70
Tf
F
45
µs
all time to Vout=0.1 x Vcc
⎯
15
dV/dt (Off)
T
µs
urn Off dV/dt
⎯
1.5
4.5
V/
EOff
T
.
urn Off energy
⎯
100
⎯
µJ
see Fig 3
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com