Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS6021 Datasheet(PDF) 4 Page - International Rectifier

Part # IPS6021
Description  INTELLIGENT POWER HIGH SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS6021 Datasheet(HTML) 4 Page - International Rectifier

  IPS6021 Datasheet HTML 1Page - International Rectifier IPS6021 Datasheet HTML 2Page - International Rectifier IPS6021 Datasheet HTML 3Page - International Rectifier IPS6021 Datasheet HTML 4Page - International Rectifier IPS6021 Datasheet HTML 5Page - International Rectifier IPS6021 Datasheet HTML 6Page - International Rectifier IPS6021 Datasheet HTML 7Page - International Rectifier IPS6021 Datasheet HTML 8Page - International Rectifier IPS6021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IPS6021(S)(R)PbF
Protection Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ilim
Internal current limit
V
19
32
50
A
out=0V
Tsd+
Over temperature high threshold
150(1)
16
⎯
5
Tsd-
15
⎯
°C
S
Over temperature low threshold
⎯
8
ee fig. 2
Vsc
3
4
Short-circuit detection voltage(2)
2
UV
5
5.9
⎯
UV hyst.
0.25
⎯
1.6
VOL Off
detection threshold
2
3
4
V
Open load
I OL On
Open load detection threshold
0
0
1
A
.3
.7
.1
(
nteed
(2) Reference
T
abl
ting C
DG
1) Guara
by design
to Vcc
rue T
e
Opera
onditions
IN
OUT
Normal
H
H
H
Normal
L
H
L
Open Load
H
H
L
Open Load (3)
L
H
L
Short circuit to Gnd
H
L
L
Short circuit to
L
L
H
Gnd
Short circuit to
H
L (4)
Vcc
H
Short circuit to
L
Vcc (5)
L
H
Over-temperat
L
ure
H
L
Over-temperat
L
L
H
ure
(3) With a pull-up resistor connected between the output and Vcc.
(4) Vds lower tha
(
ithout a pul
ead Assignments
n 10mV.
5) W
l-up resistor connected between the output and Vcc.
L
1 2 3 4 5
TO220
1- Gnd
2- In
3- Vcc
4- Dg
5- Out
3- Vcc
1 2 3 4 5
D²Pak – D Pak
3- Vcc
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com