Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3022ID Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS3022ID
Description  Rail-to-rail 1.8V high-speed comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3022ID Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS3022ID Datasheet HTML 3Page - STMicroelectronics TS3022ID Datasheet HTML 4Page - STMicroelectronics TS3022ID Datasheet HTML 5Page - STMicroelectronics TS3022ID Datasheet HTML 6Page - STMicroelectronics TS3022ID Datasheet HTML 7Page - STMicroelectronics TS3022ID Datasheet HTML 8Page - STMicroelectronics TS3022ID Datasheet HTML 9Page - STMicroelectronics TS3022ID Datasheet HTML 10Page - STMicroelectronics TS3022ID Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TS3021-3022
Electrical characteristics
7/17
Figure 1.
Current consumption vs. power
supply voltage
Figure 2.
Current consumption vs. power
supply voltage
Figure 3.
Current consumption vs. power
supply voltage
Figure 4.
Current consumption vs. power
supply voltage
Figure 5.
Output voltage vs. source current
VCC=2V
Figure 6.
Output voltage vs. sink current
VCC=2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com