Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3022ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3022ID
Description  Rail-to-rail 1.8V high-speed comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3022ID Datasheet(HTML) 3 Page - STMicroelectronics

  TS3022ID Datasheet HTML 1Page - STMicroelectronics TS3022ID Datasheet HTML 2Page - STMicroelectronics TS3022ID Datasheet HTML 3Page - STMicroelectronics TS3022ID Datasheet HTML 4Page - STMicroelectronics TS3022ID Datasheet HTML 5Page - STMicroelectronics TS3022ID Datasheet HTML 6Page - STMicroelectronics TS3022ID Datasheet HTML 7Page - STMicroelectronics TS3022ID Datasheet HTML 8Page - STMicroelectronics TS3022ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TS3021-3022
Absolute maximum ratings and operating conditions
3/17
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are referenced to VDD.
5.5
V
VID
Differential input voltage(2)
2.
The magnitude of input and output voltages must never exceed the supply rail ±0.3V.
±5
V
VIN
Input voltage range
VDD-0.3 to VCC+0.3
V
PD
Power dissipation(3)
SC70-5
SOT23-5
SO8
MiniSO8
3.
Short-circuits can cause excessive heating and destructive dissipation. PD is calculated with Tamb=+25°C,
Tj =+150°C and Rthja = 478°C/W for SC70-5, Rthja = 250°C/W for SOT23-5, Rthja = 125°C/W for SO8,
Rthja = 190°C/W for MiniSO8.
260
500
1000
650
mW
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
ESD(4)
4.
ESD tolerances are compliant with MIL883C, JEDEC STANDARD JESD22, ANSI/ESD STM5.1-2001.
Human body model (HBM)
2000
V
Machine model (MM)
200
Latch-up immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Tamb
Ambient temperature
-40 to +125
°C
VCC
Supply voltage
0°C < Tamb < +125°C
-40°C < Tamb < +125°C
1.8 to 5
2 to 5
V
Vicm
Common mode input voltage range
-40°C < Tamb < +85°C
+85°C < Tamb < +125°Tamb
VDD-0.2 to VCC+0.2
VDD to VCC
V
Rthja
(1)
1.
For a 4-layer PCB.
Thermal resistance junction to ambient
SC70-5
SOT23-5
SO8
MiniSO8
478
250
125
190
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com