Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA741C Datasheet(PDF) 2 Page - STMicroelectronics

Part # UA741C
Description  GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741C Datasheet(HTML) 2 Page - STMicroelectronics

  UA741C Datasheet HTML 1Page - STMicroelectronics UA741C Datasheet HTML 2Page - STMicroelectronics UA741C Datasheet HTML 3Page - STMicroelectronics UA741C Datasheet HTML 4Page - STMicroelectronics UA741C Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UA741
2/5
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
UA741M
UA741I
UA741C
Unit
VCC
Supply voltage
±22
V
Vid
Differential Input Voltage
±30
V
Vi
Input Voltage
±15
V
Ptot
Power Dissipation 1)
1.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
500
mW
Output Short-circuit Duration
Infinite
Toper
Operating Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Non-Inverting input
Q8
Q9
Q12
Q1
Q2
R5
39k
W
Q3
Q4
Q7
Q5
Q6
Q10
Q11
R1
1k
W
R12
50k
W
Vcc-
Q17
Q16
Q20
R10
50
W
Output
R9
25
W
Q14
Q15
Vcc+
Q13
C1
30pF
Inverting
input
Offset
null 2
R2
1k
W
R3
50k
W
Offset
null 1
R4
5k
W
Q18
R7
4.5k
W
R8
7.5k
W
Q22
R11
50
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com