Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA741C Datasheet(PDF) 3 Page - STMicroelectronics

Part # UA741C
Description  GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741C Datasheet(HTML) 3 Page - STMicroelectronics

  UA741C Datasheet HTML 1Page - STMicroelectronics UA741C Datasheet HTML 2Page - STMicroelectronics UA741C Datasheet HTML 3Page - STMicroelectronics UA741C Datasheet HTML 4Page - STMicroelectronics UA741C Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UA741
3/5
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
15
6
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
230
70
nA
Iib
Input Bias Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
10
100
200
nA
Avd
Large Signal Voltage Gain
(V
o = ±10V, RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
77
77
90
dB
ICC
Supply Current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.7
2.8
3.3
mA
Vicm
Input Common Mode Voltage Range
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
±12
±12
V
CMR
Common Mode Rejection Ratio (RS ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
70
70
90
dB
IOS
Output short Circuit Current
10
25
40
mA
±Vopp
Output Voltage Swing
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 2kΩ
12
10
12
10
14
13
V
SR
Slew Rate
Vi = ±10V, RL = 2kΩ, CL = 100pF, unity Gain
0.25
0.5
V/
µs
tr
Rise Time
Vi = ±20mV, RL = 2kΩ, CL = 100pF, unity Gain
0.3
µs
Kov
Overshoot
Vi = 20mV, RL = 2kΩ, CL = 100pF, unity Gain
5
%
Ri
Input Resistance
0.3
2
M
Ω
GBP
Gain Bandwith Product
Vi = 10mV, RL = 2kΩ, CL = 100pF, f =100kHz
0.7
1
MHz
THD
Total Harmonic Distortion
f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp, CL = 100pF,Tamb = +25°C
0.06
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω
23
∅m
Phase Margin
50
Degrees
nV
Hz
------------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com