Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGB30H65DFB2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGB30H65DFB2
Description  Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a D²PAK package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30H65DFB2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGB30H65DFB2 Datasheet HTML 9Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 10Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 11Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 12Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 13Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 14Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 15Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 16Page - STMicroelectronics STGB30H65DFB2 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
4.2
D²PAK packing information
Figure 33. D²PAK tape outline
STGB30H65DFB2
D²PAK packing information
DS13253 - Rev 1
page 13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com