Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGB30H65DFB2 Datasheet (PDF) - STMicroelectronics

STGB30H65DFB2 Datasheet PDF - STMicroelectronics
Part # STGB30H65DFB2
Download  STGB30H65DFB2 Download
File Size   650.02 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a D²PAK package

STGB30H65DFB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STGB30H65DFB2 Datasheet PDF - STMicroelectronics

Part # STGB30H65DFB2
Download  STGB30H65DFB2 Click to download

File Size   650.02 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a D²PAK package

STGB30H65DFB2 Datasheet (HTML) - STMicroelectronics


STGB30H65DFB2 Product details

Features
• Maximum junction temperature : TJ = 175 °C
• Low VCE(sat) = 1.65 V (typ.) @ IC = 30 A
• Very fast and soft recovery co-packaged diode
• Minimized tail current
• Tight parameter distribution
• Low thermal resistance
• Positive VCE(sat) temperature coefficient

Applications
• Welding
• Power factor correction
• UPS
• Solar inverters
• Chargers

Description
The newest IGBT 650 V HB2 series represents an evolution of the advanced
proprietary trench gate field-stop structure. The performance of the HB2 series is
optimized in terms of conduction, thanks to a better VCE(sat) behavior at low current
values, as well as in terms of reduced switching energy. A very fast soft recovery
diode is co-packaged in antiparallel with the IGBT. The result is a product specifically
designed to maximize efficiency for a wide range of fast applications.




Similar Part No. - STGB30H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
logo
Inchange Semiconductor ...
STGB30H60DFB ISC-STGB30H60DFB Datasheet
334Kb / 4P
Trench gate Field-Stop IGBT
2023-10-09
logo
STMicroelectronics
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
18-Oct-2016
More results


Similar Description - STGB30H65DFB2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
28-Jul-2015
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
STMicroelectronics
STGB50H65FB2 STMICROELECTRONICS-STGB50H65FB2 Datasheet
450Kb / 16P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a D²PAK package
21-May-2020
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA75H65DFB2 STMICROELECTRONICS-STGWA75H65DFB2 Datasheet
560Kb / 15P
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
13-Feb-2020
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
04-Apr-2017
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com