Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGHU30M65DF2AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGHU30M65DF2AG
Description  Automotive-grade trench gate field-stop 650 V, 30 A low-loss M series IGBT in an HU3PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGHU30M65DF2AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGHU30M65DF2AG Datasheet HTML 8Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 9Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 10Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 11Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 12Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 13Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 14Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 15Page - STMicroelectronics STGHU30M65DF2AG Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 8. HU3PAK tape mechanical data
Dimension
Value
mm
A0
14.40 ±0.10
B0
19.70
D
1.50 ±0.10
E
1.75 ±0.10
F
15.65 ±0.10
I0
11.00
I1
11.60 ±0.10
I2
8.00
I3
7.00
K0
4.20
P0
4.00 ±0.10
P1
20.00 ±0.10
P2
2.00 ±0.10
T
0.40 ±0.50
W
32.00 ±0.30
Figure 32. HU3PAK reel outline (dimensions are in mm)
Reel width
Reel inner width Reel outer width
32.0
33.4 ±1.0
37.4 ±1.0
DM00345054_3_reel
STGHU30M65DF2AG
Package information
DS14705 - Rev 1
page 13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com