Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGHU30M65DF2AG Datasheet (PDF) - STMicroelectronics

STGHU30M65DF2AG Datasheet PDF - STMicroelectronics
Part # STGHU30M65DF2AG
Download  STGHU30M65DF2AG Download
File Size   1081.11 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop 650 V, 30 A low-loss M series IGBT in an HU3PAK package

STGHU30M65DF2AG Datasheet (PDF)

Go To PDF Page Download Datasheet
STGHU30M65DF2AG Datasheet PDF - STMicroelectronics

Part # STGHU30M65DF2AG
Download  STGHU30M65DF2AG Click to download

File Size   1081.11 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade trench gate field-stop 650 V, 30 A low-loss M series IGBT in an HU3PAK package

STGHU30M65DF2AG Datasheet (HTML) - STMicroelectronics


STGHU30M65DF2AG Product details

Features
• AEC-Q101 qualified
• Maximum junction temperature: TJ = 175 °C
• 6 μs of minimum short-circuit withstand time
• VCE(sat) = 1.6 V (typ.) @ IC = 30 A
• Tight parameter distribution
• Safer paralleling
• Low thermal resistance
• Soft and very fast-recovery antiparallel diode
• Excellent switching performance thanks to the extra driving kelvin pin

Applications
• Automotive motor control
• e-compressor
• Industrial motor control
• Power supplies and converters

Description
This device is an IGBT developed using an advanced proprietary trench gate fieldstop structure. The device is part of the M series IGBTs, which represent an optimal
balance between inverter system performance and efficiency where the low-loss and
the short-circuit functionality is essential. Furthermore, the positive VCE(sat)
temperature coefficient and the tight parameter distribution result in safer paralleling
operation.




Similar Part No. - STGHU30M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGH30H65DFB-2AG STMICROELECTRONICS-STGH30H65DFB-2AG Datasheet
408Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 30 A, high-speed HB series IGBT in an H2PAK-2 package
13-Apr-2022
More results


Similar Description - STGHU30M65DF2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGW30M65DF2 STMICROELECTRONICS-STGW30M65DF2 Datasheet
726Kb / 19P
Trench gate field-stop IGBT, M series 650 V, 30 A low loss
18-Dec-2015
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGF30M65DF2 STMICROELECTRONICS-STGF30M65DF2 Datasheet
731Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 30 A low-loss in a TO-220FP package
11-Apr-2017
STGH30H65DFB-2AG STMICROELECTRONICS-STGH30H65DFB-2AG Datasheet
408Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 30 A, high-speed HB series IGBT in an H2PAK-2 package
13-Apr-2022
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGSB200M65DF2AG STMICROELECTRONICS-STGSB200M65DF2AG Datasheet
572Kb / 17P
Automotive-grade trench gate field-stop, 650 V, 200 A, low-loss M series IGBT in an ACEPACK SMIT package
29-Nov-2021
STGYA120M65DF2AG STMICROELECTRONICS-STGYA120M65DF2AG Datasheet
2Mb / 14P
Automotive-grade trench gate field-stop, 650 V, 120 A, low-loss, M series IGBT in a Max247 long leads package
16-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com