Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL300N4LF8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL300N4LF8
Description  N-channel logic level 40 V, 1.0 mΩ max., 304 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL300N4LF8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL300N4LF8 Datasheet HTML 7Page - STMicroelectronics STL300N4LF8 Datasheet HTML 8Page - STMicroelectronics STL300N4LF8 Datasheet HTML 9Page - STMicroelectronics STL300N4LF8 Datasheet HTML 10Page - STMicroelectronics STL300N4LF8 Datasheet HTML 11Page - STMicroelectronics STL300N4LF8 Datasheet HTML 12Page - STMicroelectronics STL300N4LF8 Datasheet HTML 13Page - STMicroelectronics STL300N4LF8 Datasheet HTML 14Page - STMicroelectronics STL300N4LF8 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 8. Document revision history
Date
Revision
Changes
03-Feb-2023
1
Initial release.
02-Apr-2024
2
Updated Features, Applications and Description.
Updated Section 1: Electrical ratings, Section 2: Electrical characteristics and
Section 2.1: Electrical characteristics (curves).
Added Figure 11. Typical output characteristics, Figure 12. Typical transfer
characteristics, Figure 13. Typical drain-source on-resistance ,
Figure 15. Typical gate charge characteristics and Figure 16. Typical
capacitance characteristics .
STL300N4LF8
DS14228 - Rev 2
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com