Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC53 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC53
Description  TC53
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53 Datasheet(HTML) 1 Page - Microchip Technology

  TC53 Datasheet HTML 1Page - Microchip Technology TC53 Datasheet HTML 2Page - Microchip Technology TC53 Datasheet HTML 3Page - Microchip Technology TC53 Datasheet HTML 4Page - Microchip Technology TC53 Datasheet HTML 5Page - Microchip Technology TC53 Datasheet HTML 6Page - Microchip Technology TC53 Datasheet HTML 7Page - Microchip Technology TC53 Datasheet HTML 8Page - Microchip Technology TC53 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2002 Microchip Technology Inc.
DS21432C-page 1
M
TC53
Features
• Highly Accurate: ±2%
• Low Power Consumption: 1.0
µA, Typ.
• Detect Voltage Range: 1.6V to 6.0V and 7.7V
• Operating Voltage: 1.5V to 10.0V
• Output Configuration: Open-Drain or CMOS
• Space-Saving 5-Pin SOT-23A Package
Typical Applications
• Microprocessor Reset Circuits
• Battery Life Monitors and Recharge Voltage
Monitors
• Memory Battery Backup Circuitry
• Power-On Reset Circuits
• Power Failure Detection
• Delay Circuitry
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC53 is a low power voltage detector. Typical
supply current consumption is only 1
µA at an input
voltage of 2V. The voltage detection threshold setting is
factory-programmed and guaranteed to ±2% accuracy.
Threshold settings are available over a range of 1.6V
to 6.0V. The TC53 has both complementary (CMOS)
and open drain (NMOS) output configuration options.
TC53 is the ideal voltage detector for precision
applications in which small size, low installed cost, high
accuracy and low supply current consumption are
critical.
Functional Block Diagram
Part Number
Package
Temp. Range
TC53-xxxxxxxxxx
5-Pin SOT-23A -40°C to +85°C
5
5-Pin SOT-23A
TC53
1
3
4
2
NC
VOUT
VIN
VSS
NC
VREF
VSS
VOUT
VIN
VREF
VSS
VOUT
VIN
2) N-Channel
Open Drain Output
1) CMOS Output
Voltage Detector


Similar Part No. - TC53

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC53 CDE-TC53 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC53 MICROCHIP-TC53 Datasheet
129Kb / 10P
Voltage Detector
05/16/02
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Microchip Technology
TC530 MICROCHIP-TC530 Datasheet
527Kb / 22P
5V Precision Data Acquisition Subsystems
2002
logo
TelCom Semiconductor, I...
TC530COI TELCOM-TC530COI Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com