Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4432EOA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4432EOA
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432EOA Datasheet(HTML) 1 Page - Microchip Technology

  TC4432EOA Datasheet HTML 1Page - Microchip Technology TC4432EOA Datasheet HTML 2Page - Microchip Technology TC4432EOA Datasheet HTML 3Page - Microchip Technology TC4432EOA Datasheet HTML 4Page - Microchip Technology TC4432EOA Datasheet HTML 5Page - Microchip Technology TC4432EOA Datasheet HTML 6Page - Microchip Technology TC4432EOA Datasheet HTML 7Page - Microchip Technology TC4432EOA Datasheet HTML 8Page - Microchip Technology TC4432EOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
 2003 Microchip Technology Inc.
DS21424C-page 1
M
TC4431/TC4432
Features
• High Peak Output Current – 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 30V
• High Capacitive Load Drive Capability:
- 1000 pF in 25 nsec
• Short Delay Times – <78 nsec Typ.
• Low Supply Current:
- With Logic ‘1’ Input – 2.5 mA
- With Logic ‘0’ Input – 300 µA
• Low Output Impedance – 7
Ω
• Latch-Up Protected: Will Withstand >300 mA
Reverse Current
• ESD Protected – 4 kV
Applications
• Small Motor Drive
• Power MOSFET Driver
• Driving Bipolar Transistors
Package Types
General Description
The TC4431/TC4432 are 30V CMOS buffer/drivers
suitable for use in high-side driver applications. They
will not latch-up under any conditions within their power
and voltage ratings. They can accept, without damage
or logic upset, up to 300 mA of reverse current (of
either polarity) being forced back into their outputs. All
terminals are fully protected against up to 4 kV of
electrostatic discharge.
Undervoltage lockout circuitry forces the output to a
‘low’ state when the input supply voltage drops below
7V. For operation at lower voltages, disable the lockout
and start-up circuit by grounding pin 3 (LOCK DIS); for
all other situations, pin 3 should be left floating. The
under-voltage lockout and start-up circuit gives brown-
out protection when driving MOSFETS.
OUT
TC4431
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
LOCK DIS
GND
TC4432
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
GND
2
7
Inverting
Non Inverting
OUT
6
LOCK DIS
2
7
6
8-Pin PDIP/SOIC/CERDIP
1.5A High-Speed 30V MOSFET Drivers


Similar Part No. - TC4432EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4432EOA TELCOM-TC4432EOA Datasheet
61Kb / 4P
1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4432EOA MICROCHIP-TC4432EOA Datasheet
433Kb / 14P
1.5A High-Speed 30V MOSFET Drivers
2002
More results

Similar Description - TC4432EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
Microchip Technology
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
1.5A High-Speed 30V MOSFET Drivers
2002
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
1.5A High-Speed 30V MOSFET Drivers
10/05/07
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Calogic, LLC
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
1.5A Dual High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com