Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622CPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC622CPA
Description  Low Cost Single Trip Point Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622CPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC622CPA Datasheet HTML 2Page - Microchip Technology TC622CPA Datasheet HTML 3Page - Microchip Technology TC622CPA Datasheet HTML 4Page - Microchip Technology TC622CPA Datasheet HTML 5Page - Microchip Technology TC622CPA Datasheet HTML 6Page - Microchip Technology TC622CPA Datasheet HTML 7Page - Microchip Technology TC622CPA Datasheet HTML 8Page - Microchip Technology TC622CPA Datasheet HTML 9Page - Microchip Technology TC622CPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC622/TC624
DS21440C-page 6
© 2006 Microchip Technology Inc.
4.0
TYPICAL APPLICATIONS
4.1
Over-Temperature Shutdown
The TC622 can be used to create a simple over-tem-
perature shutdown circuit. In this circuit, temperature is
sensed within the system enclosure (internal system
ambient) or at the heatsink itself. When measured
temperature exceeds a preset limit, a fault is indicated
and the system shuts down.
Figure 4-1 illustrates an over-temperature shutdown
circuit using the TC622 sensor in a single TO-220
package, allowing direct attachment to the heatsink
surface. As shown, the TC622 outputs are driven active
when the heatsink temperature equals the trip point
temperature set by RTRIP. When this happens, the
crowbar circuit is activated, causing the supply output
to fold back to zero. The TC622 outputs remain active
until the heatsink temperature falls a minimum of 2°C
(built-in hysteresis) below the trip point temperature, at
which time the device again allows normal supply
operation.
4.2
Cooling and Heating Applications
The TC622/TC624 can be used to control a DC fan as
shown in Figure 4-2. The fan turns on when the sensed
temperature rises above TSET and remains on until the
temperature falls below TSET - 2°C.
Figure 4-3 shows the TC622 acting as a heater
thermostat. Circuit operation is identical to that of the
cooling fan application.
FIGURE 4-1:
TC622 Power Supply Over-Temperature Shutdown
Heatsink
Circuit Board
TC622 Heatsink Mounting
TC622
TC622
RTRIP
VCC
Output Device
Heatsink Surface
Power Good
Signal
OVERTEMP
Crowbar
Circuit
TSET
GND
VDD
VOUT
OUT
OUT
Output
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com