Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622CPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC622CPA
Description  Low Cost Single Trip Point Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622CPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC622CPA Datasheet HTML 3Page - Microchip Technology TC622CPA Datasheet HTML 4Page - Microchip Technology TC622CPA Datasheet HTML 5Page - Microchip Technology TC622CPA Datasheet HTML 6Page - Microchip Technology TC622CPA Datasheet HTML 7Page - Microchip Technology TC622CPA Datasheet HTML 8Page - Microchip Technology TC622CPA Datasheet HTML 9Page - Microchip Technology TC622CPA Datasheet HTML 10Page - Microchip Technology TC622CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21440C-page 7
TC622/TC624
FIGURE 4-2:
TC624 As A Fan Controller
for Notebook PC
FIGURE 4-3:
TC622 As A Heater
Thermostat
TC624
RSET
+2.7 to 4.5V +12V
TSET
GND
VDD
OUT
NC
N-Channel
Logic Level
MOSFET
DC Fan
OUT
NC
NC
1
3
4
5
6
7
8
OUT
Fan "On"
TSET – 2 C
TSET
+
2
TC622
RSET
+4.5 to 18.0V
+12V
TSET
GND
VDD
OUT
NC
N-Channel
Level Logic
MOSFET
OUT
1
2
4
5
6
7
8
NC
NC
OUT
Heater "On"
TSET – 2 C
TSET
Heater



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com