Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622EAT Datasheet(PDF) 3 Page - Microchip Technology

Part # TC622EAT
Description  Low Cost Single Trip Point Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622EAT Datasheet(HTML) 3 Page - Microchip Technology

  TC622EAT Datasheet HTML 1Page - Microchip Technology TC622EAT Datasheet HTML 2Page - Microchip Technology TC622EAT Datasheet HTML 3Page - Microchip Technology TC622EAT Datasheet HTML 4Page - Microchip Technology TC622EAT Datasheet HTML 5Page - Microchip Technology TC622EAT Datasheet HTML 6Page - Microchip Technology TC622EAT Datasheet HTML 7Page - Microchip Technology TC622EAT Datasheet HTML 8Page - Microchip Technology TC622EAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21440C-page 3
TC622/TC624
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (TC622) ......................................... 20V
(TC624) ........................................ 5.5V
Input Voltage Any Input .. (GND – 0.3V) to (VDD +0.3V)
Operating Temperature ...................... -40°C to +125°C
C Version .............................. 0°C to +70°C
E Version ........................... -40°C to +85°C
V Version ......................... -40°C to +125°C
Storage Temperature ......................... -65°C to +150°C
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation
of the device at these or any other conditions above
those indicated in the operation sections of the specifi-
cations is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect
device reliability.
.
TC622/TC624 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range, unless otherwise specified.
Sym
Parameter
Device
Min
Typ
Max
Unit
Test Conditions
VDD
Supply Voltage
Range
TC622
TC624
4.5
2.7
—
—
18
4.5
V
IDD
Supply Current
TC622
TC624
—
—
200
170
600
300
μA5.0V ≤ VDD ≤ 18V
2.7V
≤ VDD ≤ 4.5V
VOH Output Voltage
(High)
TC622 0.90 x VDD
0.80 x VDD
—
—
—
—
V5.0V
≤ VDD ≤ 18V, -40°C ≤ TA ≤ +125°C,
IOH = 250 μA
IOH = 500 μA
VOL
Output Voltage
(Low)
TC622
—
—
—
—
—
—
0.15 x VDD
0.30 x VDD
0.35 x VDD
V
-40°C
≤ TA ≤ +85°C, IOL = 500 μA
IOL = 1 mA
-40°C
≤ TA ≤ +125°C, IOL = 1 mA
VOH Output Voltage
(High)
TC624
—
0.90 x VDD
0.80 x VDD
—
—
—
—
V
2.7V
≤ VDD ≤ 4.5V
-40°C
≤ TA ≤ +125°C, IOH = 250 μA
IOH = 500 μA
VOL
Output Voltage
(Low)
TC624
—
—
—
—
—
—
0.1 x VDD
0.2 x VDD
0.25 x VDD
V
-40°C
≤ TA ≤ +85°C, IOL = 500 μA
IOL = 1 mA
-40°C
≤ TA ≤ +125°C, IOL = 1 mA
TSET Absolute Accuracy TC622
TC624
T - 5
T - 5
T ± 1
T ± 1
T + 5
T + 5
°C
TSET = Programmed Temperature
TSET = Programmed Temperature
OUT Trip Point
Hysteresis
TC622
TC624
—
—
2
2
—
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com