Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC622EAT Datasheet(PDF) 2 Page - Microchip Technology

Part # TC622EAT
Description  Low Cost Single Trip Point Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622EAT Datasheet(HTML) 2 Page - Microchip Technology

  TC622EAT Datasheet HTML 1Page - Microchip Technology TC622EAT Datasheet HTML 2Page - Microchip Technology TC622EAT Datasheet HTML 3Page - Microchip Technology TC622EAT Datasheet HTML 4Page - Microchip Technology TC622EAT Datasheet HTML 5Page - Microchip Technology TC622EAT Datasheet HTML 6Page - Microchip Technology TC622EAT Datasheet HTML 7Page - Microchip Technology TC622EAT Datasheet HTML 8Page - Microchip Technology TC622EAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC622/TC624
DS21440C-page 2
© 2006 Microchip Technology Inc.
Package Type
Functional Block Diagram
GND
NC
OUT
OUT
NC
NC
VDD
VDD
GND
NC
TSET
TSET
NC
OUT
OUT
NC
GND
NC
OUT
OUT
NC
NC
VDD
TSET
GND
NC
OUT
OUT
NC
NC
VDD
T
SET
12 3 4 5
TC622EAT
TC622VAT
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
8
7
6
5
1
2
3
4
1
8
2
7
3
6
4
5
TC622CPA
TC622EPA
TC622VPA
TC624CPA
TC624EPA
TC624VPA
TC622COA
TC622EOA
TC622VOA
TC624COA
TC624EOA
TC624VOA
PDIP
SOT-220
SOIC
Note:
For TO-220 Package, Pin 3 is connected to case heatsink.
TC622
RSET
+9V
TSET
GND
VDD
OUT
NC
OUT
NC
NC
1
3
4
5
6
7
8
Microcontrollers
ALARM
Horn
9V
Battery
TC624
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com