Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N65L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N65L-TN3-R
Description  2A, 650V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N65-TC
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
2 of 7
www.unisonic.com.tw
QW-R205-435.B
ABSOLUTE MAXIMUM RATINGS (T
C = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
± 30
V
Drain Current
Continuous
ID
2
A
Pulsed (Note 2)
IDM
4
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
101
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
3.8
V/ns
Power Dissipation
PD
44
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 30mH, IAS = 2.6A, VDD = 90V, RG = 25 Ω Starting TJ = 25°C
4. ISD ≤ 2.0A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
2.87
°C/W
ELECTRICAL CHARACTERISTICS (T
J = 25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.0A
4.8
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0 MHz
301
pF
Output Capacitance
COSS
38
pF
Reverse Transfer Capacitance
CRSS
2.5
pF
SWITCHING CHARACTERISTICS
Total Gate Charge (Note 1)
QG
VDS=520V, VGS=10V, ID=2A
IG=1mA (Note 1, 2)
7.5
nC
Gateource Charge
QGS
3
nC
Gate-Drain Charge
QGD
1
nC
Turn-on Delay Time (Note 1)
tD(ON)
VDS=100V, VGS=10V, ID=2A,
RG=25Ω (Note 1, 2)
6
ns
Rise Time
tR
16
ns
Turn-off Delay Time
tD(OFF)
22
ns
Fall-Time
tF
24
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
2
A
Maximum Body-Diode Pulsed Current
ISM
4
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
VGS=0V, IS=2.0A
1.4
V
Reverse Recovery Time (Note 1)
trr
VGS=0V, IS=2.0A,
dIF/dt=100A/µs (Note1)
205
ns
Reverse Recovery Charge
Qrr
2.3
µC
Notes: 1.
Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com