Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N65L-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2N65L-TN3-R
Description  2A, 650V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65L-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  2N65L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 2N65L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N65-TC
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
5 of 7
www.unisonic.com.tw
QW-R205-435.B
TYPICAL CHARACTERISTICS
Drain-Source Voltage, VDS (V)
Drain-Source On-Resistance vs.
Gate-Source Voltage
Gate-Source Voltage, VGS (V)
Gate Charge Characteristics
Total Gate Charge, QG (nC)
Drain-Source On-Resistance vs.
Junction Temperature
Junction Temperature, TJ (°C)
2A
Breakdown Voltage vs. Junction
Temperature
Junction Temperature, TJ (°C)
Drain Current vs. Drain-Source Voltage
VGS=6~10V
Note:
1.TA=25°C
2.Pulse test
VDS=520V
VGS=10V
ID=2A
Pulsed
VGS=10V
ID=1A
Pulsed
ID=0.25mA
Pulsed
Drain-Source Voltage, VDS (V)
Capacitance Characteristics
CISS
COSS
CRSS
Note:
1.TA=25°C
2.Pulse test
ID=1A
5V
0
4
8
12
16
20
0
1
2
3
4
0
2
4
6
12
10
8
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
25
50
75
100
125
150
20
40
0
10
30
50
0
5
10
15
20
2
4
6
10
8
3
5
9
7
0
2
4
6
8
10
1000
10
100
1
0
2
4
10
8
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com