Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682CPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC682CPA
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682CPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC682CPA Datasheet HTML 2Page - Microchip Technology TC682CPA Datasheet HTML 3Page - Microchip Technology TC682CPA Datasheet HTML 4Page - Microchip Technology TC682CPA Datasheet HTML 5Page - Microchip Technology TC682CPA Datasheet HTML 6Page - Microchip Technology TC682CPA Datasheet HTML 7Page - Microchip Technology TC682CPA Datasheet HTML 8Page - Microchip Technology TC682CPA Datasheet HTML 9Page - Microchip Technology TC682CPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC682
DS21453C-page 6
© 2006 Microchip Technology Inc.
4.3
Paralleling Devices
Paralleling
multiple
TC682s
reduces
the
output
resistance of the converter. The effective output
resistance is the output resistance of a single device
divided by the number of devices. As illustrated in
Figure , each requires separate pump capacitors C1
and C2, but all can share a single reservoir capacitor.
4.4
-5V Regulated Supply From A
Single 3V Battery
Figure 4-3 shows a -5V power supply using one 3V
battery. The TC682 provides -6V at VOUT, which is
regulated to -5V by the negative LDO. The input to the
TC682 can vary from 3V to 5.5V without affecting
regulation appreciably. A TC54 device is connected to
the battery to detect undervoltage. This unit is set to
detect at 2.7V. With higher input voltage, more current
can be drawn from the outputs of the TC682. With 5V
at VIN, 10 mA can be drawn from the regulated output.
Assuming 150
Ω source resistance for the converter,
with IL
–= 10 mA, the charge pump will droop 1.5V.
FIGURE 4-2:
Paralleling TC682 for Lower Output Source Resistance
FIGURE 4-3:
Negative Supply Derived from 3V Battery
10
μF
10
μF
10
μF
10
μF
22
μF
VIN
GND
GND
Negative
Supply
TC682
TC682
GND
+
–
+
–
+
–
+
–
+
–
VIN
C1+
C2+
C1–
C2–
V–OUT
VIN
C1+
C2+
C1–
C2–
V–OUT
C–OUT
VSS
VSS
GND
TC682
3V
Ground
-5 Supply
LOW BATTERY
Negative LDO
Regulator
TC54VC2702Exx
1
μF
+
–
+
–
+
–
+
–
+
–
10
μF
22
μF
10
μF
VIN
C1+
C2+
C1–
C2–
VIN
VIN
VOUT
VOUT
V–OUT
COUT–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com