Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682CPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC682CPA
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682CPA Datasheet(HTML) 1 Page - Microchip Technology

  TC682CPA Datasheet HTML 1Page - Microchip Technology TC682CPA Datasheet HTML 2Page - Microchip Technology TC682CPA Datasheet HTML 3Page - Microchip Technology TC682CPA Datasheet HTML 4Page - Microchip Technology TC682CPA Datasheet HTML 5Page - Microchip Technology TC682CPA Datasheet HTML 6Page - Microchip Technology TC682CPA Datasheet HTML 7Page - Microchip Technology TC682CPA Datasheet HTML 8Page - Microchip Technology TC682CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21453C-page 1
TC682
Features:
• 99.9% Voltage Conversion Efficiency
• 92% Power Conversion Efficiency
• Wide Input Voltage Range:
- +2.4V to +5.5V
• Only 3 External Capacitors Required
• 185
μA Supply Current
• Space-Saving 8-Pin SOIC and 8-Pin PDIP
Packages
Applications:
• -10V from +5V Logic Supply
• -6V from a Single 3V Lithium Cell
• Portable Handheld Instruments
• Cellular Phones
• LCD Display Bias Generator
• Panel Meters
• Operational Amplifier Power Supplies
Device Selection Table
General Description:
The TC682 is a CMOS charge pump converter that
provides an inverted doubled output from a single
positive supply. An on-board 12 kHz (typical) oscillator
provides the clock and only 3 external capacitors are
required for full circuit implementation.
Low output source impedance (typically
140
Ω),
provides output current up to 10 mA. The TC682 fea-
tures low quiescent current and high efficiency, making
it the ideal choice for a wide variety of applications that
require a negative voltage derived from a single
positive supply (for example: generation of -6V from a
3V lithium cell or -10V generated from a +5V logic
supply).
The minimum external parts count and small physical
size of the TC682 make it useful in many medium-
current, dual voltage analog power supplies.
Functional Block Diagram
Package Type
Part
Number
Package
Operating
Temp.
Range
TC682COA
8-Pin SOIC
0°C to +70°C
TC682CPA
8-Pin PDIP
0°C to +70°C
TC682EOA
8-Pin SOIC
-40°C to +85°C
TC682EPA
8-Pin PDIP
-40°C to +85°C
GND
+
–
+
–
+
GND
VIN
VOUT = -(2 x VIN )
All Caps = 3.3
μF
TC682
+2.4V < VIN < +5.5V
VOUT
C1+
VIN
C2+
C1–
C2–
COUT
VOUT
C1
C2
1
2
3
4
8
7
6
5
TC682CPA
TC682EPA
NC
GND
VOUT
C1+
1
2
3
4
8
7
6
5
TC682COA
TC682EOA
8-Pin PDIP
8-Pin SOIC
VIN
C2+
C1–
C2–
NC
GND
VOUT
C1+
VIN
C2+
C1–
C2–
Inverting Voltage Doubler


Similar Part No. - TC682CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682CPA TELCOM-TC682CPA Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682CPA MICROCHIP-TC682CPA Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
More results

Similar Description - TC682CPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
92Kb / 8P
Ultra-Low Power Inverting Voltage Doubler
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682_05 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com