Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS682 Datasheet (PDF) - Advanced Monolithic Systems

AMS682 Datasheet PDF - Advanced Monolithic Systems
Part # AMS682
Download  AMS682 Download
File Size   62.4 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description INVERTING VOLTAGE DOUBLER

AMS682 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS682 Datasheet PDF - Advanced Monolithic Systems

Part # AMS682
Download  AMS682 Click to download

File Size   62.4 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description INVERTING VOLTAGE DOUBLER

AMS682 Datasheet (HTML) - Advanced Monolithic Systems


AMS682 Product details

GENERAL DESCRIPTION
The AMS682 is a CMOS charge pump converter that provides an inverted doubled output from a single positive supply. Requiring only three external capacitors for full circuit implementation the device has an on -board 12kHz (typical) oscillator which provides the clock.
Low output source impedance (typically 140W), provides output current up to 10mA. The AMS682 features low quiescent current and high efficiency, making it the ideal choice for a wide variety of applications that require a negative voltage derived from a single positive supply. The compact size and minimum external parts count of the AMS682 makes it useful in many medium current, dual voltage analog power supplies.
The AMS682E is operational in the full industrial temperature range of -40°C to 85°C while AMS682C is operating over a 0°C to 70°C temperature range. The AMS682E/AMS682C are available in surface mount 8-Pin SOIC (SO-8) and 8-Pin Plastic DIP (PDIP) packages.

FEATURES
• 99.9% Voltage Conversion Efficiency
• 92% Power Conversion Efficiency
• Wide Input Voltage Range +2.4V to 5.5V
• 185mA Supply Current
• Available in SO-8 and PDIP Packages
• Only 3 external Capacitors Required

APPLICATIONS
• Portable Handheld Instrumentation
• Cellular Phones
• Panel Meters
• -10V from +5V logic Supply
• -6V from a Single 3V Lithium Cell
• LCD Display Bias Generator
• Operational Amplifiers Power Supplies




Similar Part No. - AMS682

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
AMS682CP ADMOS-AMS682CP Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
AMS682CS ADMOS-AMS682CS Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
AMS682EP ADMOS-AMS682EP Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
AMS682ES ADMOS-AMS682ES Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
More results


Similar Description - AMS682

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
92Kb / 8P
Ultra-Low Power Inverting Voltage Doubler
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC682 MICROCHIP-TC682 Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682_05 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com