Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682 Datasheet (PDF) - Microchip Technology

TC682 Datasheet PDF - Microchip Technology
Part # TC682
Download  TC682 Download
File Size   546.58 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Voltage Doubler

TC682 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC682 Datasheet PDF - Microchip Technology

Part # TC682
Download  TC682 Click to download

File Size   546.58 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Voltage Doubler

TC682 Datasheet (HTML) - Microchip Technology


TC682 Product details

GENERAL DESCRIPTION
The TC682 is a CMOS charge pump converter that provides an inverted doubled output from a single positive supply. An on-board 12kHz (typical) oscillator provides the clock and only 3 external capacitors are required for full circuit implementation.
Low output source impedance (typically 140Ω), provides output current up to 10mA. The TC682 features low quiescent current and high efficiency, making it the ideal choice for a wide variety of applications that require a negative voltage derived from a single positive supply (for example: generation of – 6V from a 3V lithium cell or – 10V generated from a +5V logic supply).
The minimum external parts count and small physical size of the TC682 make it useful in many medium-current, dual voltage analog power supplies

FEATURES
■ 99.9% Voltage Conversion Efficiency
■ 92% Power Conversion Efficiency
■ Wide Input Voltage Range ...............+2.4V to +5.5V
■ Only 3 External Capacitors Required
■ 185µA Supply Current
■ Space-Saving 8-Pin SOIC and 8-Pin Plastic DIP Packages

APPLICATIONS
■ – 10V from +5V Logic Supply
■ – 6V from a Single 3V Lithium Cell
■ Portable Handheld Instruments
■ Cellular Phones
■ LCD Display Bias Generator
■ Panel Meters
■ Operational Amplifier Power Supplies




Similar Part No. - TC682

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
TC682COA TELCOM-TC682COA Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682COA MICROCHIP-TC682COA Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
TelCom Semiconductor, I...
TC682CPA TELCOM-TC682CPA Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682CPA MICROCHIP-TC682CPA Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
More results


Similar Description - TC682

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
92Kb / 8P
Ultra-Low Power Inverting Voltage Doubler
logo
Analog Devices
ADP3610 AD-ADP3610 Datasheet
200Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV.A
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682_05 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Microchip Technology
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
Analog Devices
ADP3610 AD-ADP3610_15 Datasheet
203Kb / 10P
320 mA Switched Capacitor Voltage Doubler
REV. A
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com