Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N100L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N100L-TN3-R
Description  6A, 1000V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N100L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  6N100L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 6N100L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N100-FC
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R205-517.B
6A, 1000V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N100-FC provide excellent RDS(ON), low gate
charge and operation with low gate voltages. This device is
suitable for use as a load switch or in PWM applications.
FEATURES
* RDS(ON)
≤ 4.0 Ω @ VGS=10V, ID=3.0A
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
1.Gate
3.Source
2.Drain
TO-252
1
TO-220F
1
TO-220
1
TO-220F1
TO-220F2
1
TO-251
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
6N100L-TA3-T
6N100G-TA3-T
TO-220
G
D
S
Tube
6N100L-TF1-T
6N100G-TF1-T
TO-220F1
G
D
S
Tube
6N100L-TF2-T
6N100G-TF2-T
TO-220F2
G
D
S
Tube
6N100L-TF3-T
6N100G-TF3-T
TO-220F
G
D
S
Tube
6N100L-TM3-T
6N100G-TM3-T
TO-251
G
D
S
Tube
6N100L-TN3-R
6N100G-TN3-R
TO-252
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF1: TO-220F1, TF2: TO-220F1,
TF3: TO-220F, TM3: TO-251, TN3: TO-252,
(3) G: Halogen Free and Lead Free, L: Lead Free
6N100G-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 6N100L-TN3-R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
6N100F IXYS-6N100F Datasheet
820Kb / 4P
Power MOSFETs
More results

Similar Description - 6N100L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU6NA100 STMICROELECTRONICS-STU6NA100 Datasheet
50Kb / 5P
N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR
Jun-1998
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
6N50_1106 UTC-6N50_1106 Datasheet
172Kb / 6P
6A, 500V N-CHANNEL POWER MOSFET
6N80 UTC-6N80_11 Datasheet
199Kb / 6P
6A, 800V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
SSM3K333R UTC-SSM3K333R Datasheet
167Kb / 3P
6A, 30V N-CHANNEL POWER MOSFET
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
UTT6N10 UTC-UTT6N10 Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
4N100-FC UTC-4N100-FC Datasheet
621Kb / 9P
4.0A, 1000V N-CHANNEL POWER MOSFET
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com