Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66239FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M66239FP
Description  High Speed Standard Clock Generator With Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66239FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M66239FP Datasheet HTML 15Page - Renesas Technology Corp M66239FP Datasheet HTML 16Page - Renesas Technology Corp M66239FP Datasheet HTML 17Page - Renesas Technology Corp M66239FP Datasheet HTML 18Page - Renesas Technology Corp M66239FP Datasheet HTML 19Page - Renesas Technology Corp M66239FP Datasheet HTML 20Page - Renesas Technology Corp M66239FP Datasheet HTML 21Page - Renesas Technology Corp M66239FP Datasheet HTML 22Page - Renesas Technology Corp M66239FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
M66239FP
Rev.1.00 Mar 16, 2005 page 19 of 23
Timing Requirements
(Ta = 0 to +50°C, Vcc = 3.15 to 3.46V, GND = 0V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
MCLK frequency
fMCLK
28
—
100
MHz
MCLK and SCLK clock duty
fDUTY
45
—
55
%
TR input pulse width
tw(TR)
500
—
ns
MCLK and SCLK input rising time
tr
—
—
5
ns
MCLK and SCLK input falling time
tf
—
—
5
ns
SDATA, SENABLE set-up time
tDS
5
—
—
ns
SDATA, SENABLE hold time
tDH
5
—
—
ns
SCLK frequency
fSCLK
—
—
20
MHz
Internal PLL lock up time
Tplllock
—
—
10
ms
RESET pulse width
tw(RESET)
1
—
—
µs
CL = 10 pF
Switching Characteristics
(Ta = 0 to +50°C, Vcc = 3.15 to 3.46V, GND = 0V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Synchronizing precision (jitter)
∆t
—
—
±1.5
ns
Sync. clock CKO output start time
tss(CKO)
Sync. clock CKOB output start time
tss(CKOB)
—
—
tLp+50
ns
One-shot pulse output start time
tss(PULSE)
—
—
tLp+50
ns
Sync clock CKO output stop time
tsp(CKO)
Sync. clock CKOB output stop time
tsp(CKOB)
—
—
40
ns
One-shot pulse width
tw(PULSE)
2 tp–10
—
2 tp+10
ns
Sync. clock CKO output duty
foDUTY(CKO)
Sync. clock CKOB output duty
foDUTY(CKOB)
40
—
60
%
CL = 10 pF
Notes: 1. tp = 1/fIN, tLp = tp
× (100 – fDUTY)/100
2. Switching test waveform
Input pulse level MCLK: 0 to Vcc, TR: 0 to Vcc
Input clock rising time: 3 ns
Input clock falling time: 3 ns
Criteria Voltage MCLK: Vcc/2, TR: 1.3 V, Sync. clock: Vcc/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com