Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66239FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M66239FP
Description  High Speed Standard Clock Generator With Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66239FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M66239FP Datasheet HTML 16Page - Renesas Technology Corp M66239FP Datasheet HTML 17Page - Renesas Technology Corp M66239FP Datasheet HTML 18Page - Renesas Technology Corp M66239FP Datasheet HTML 19Page - Renesas Technology Corp M66239FP Datasheet HTML 20Page - Renesas Technology Corp M66239FP Datasheet HTML 21Page - Renesas Technology Corp M66239FP Datasheet HTML 22Page - Renesas Technology Corp M66239FP Datasheet HTML 23Page - Renesas Technology Corp M66239FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M66239FP
Rev.1.00 Mar 16, 2005 page 21 of 23
After Power-On Procedure
After power-on, M66239FP status is unknown. Following procedure must be done.
1. VCC power-on
2. After Vcc and input clock frequency is stable, set the FSET[2:0].
3. Reset pulse input.
Input more than MCLK 1000 clock cycle from FSET setting is completed to RESET set to "H" level.
4. Serial resister set.
5. After input MCLK clock till PLL lockup time (Tplllock), input twice TR pulse.
Input more than 100 cycle MCLK clocks between 1st. TR and 2nd. TR.
6. After that, sync clock will be outputted from M66239FP.
FSET<2:0> set (refer to page 20)
More than 1000 cycles
tw(RESET)
VCC
Serial
resister
MCLK
FSET
TR
RESET
CKO/CKOB/PULSE
More than 100 cycles
tsp
tss
tsp
Tplllock
tss
Note: 1. In case of change the resister set after complete above power on procedure, the new resister set value reflects
after the at least more twice TR pulse input. And when changing register 4, for the center frequency purpose
to be changed, the locked time of PLL must be wait. Also,there is not a problem even if a trigger signal is
entered before the PLL lock after changing register 4. When changing a register except register 4, not need
to wait locked time of PLL.
Setting
completed
Input clock frequency
is stable
Serial resister set (refer to page 15 to 17)
Figure 11 After Power-On Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com