Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423VG Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4423VG
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423VG Datasheet(HTML) 1 Page - Microchip Technology

  TC4423VG Datasheet HTML 1Page - Microchip Technology TC4423VG Datasheet HTML 2Page - Microchip Technology TC4423VG Datasheet HTML 3Page - Microchip Technology TC4423VG Datasheet HTML 4Page - Microchip Technology TC4423VG Datasheet HTML 5Page - Microchip Technology TC4423VG Datasheet HTML 6Page - Microchip Technology TC4423VG Datasheet HTML 7Page - Microchip Technology TC4423VG Datasheet HTML 8Page - Microchip Technology TC4423VG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2004 Microchip Technology Inc.
DS21421D-page 1
TC4423/TC4424/TC4425
Features
• High Peak Output Current: 3A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 1800 pF in 25 ns
• Short Delay Times: <40 ns (typ)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 3.5 mA (Max)
- With Logic ‘0’ Input – 350 µA (Max)
• Low Output Impedance: 3.5
Ω (typ)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input Will Withstand Negative Swing Up To
5V
• ESD Protected: 4 kV
• Pin compatible with the TC1426/TC1427/TC1428,
TC4426/TC4427/TC4428 and TC4426A/
TC4427A/TC4428A devices.
• Space-saving 8-Pin 6x5 DFN Package
Applications
• Switch Mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
General Description
The TC4423/TC4424/TC4425 devices are a family of
3A, dual-output buffers/MOSFET drivers. Pin compati-
ble
with
the
TC1426/27/28,
TC4426/27/28
and
TC4426A/27A/28A
dual 1.5A driver families, the
TC4423/24/25 family has an increased latch-up current
rating of 1.5A, making them even more robust for
operation in harsh electrical environments.
As MOSFET drivers, the TC4423/TC4424/TC4425 can
easily charge 1800 pF gate capacitance in under
35 nsec, providing low enough impedances in both the
on and off states to ensure the MOSFET's intended
state will not be affected, even by large transients.
The TC4423/TC4424/TC4425 inputs may be driven
directly from either TTL or CMOS (2.4V to 18V). In
addition, the 300 mV of built-in hysteresis provides
noise immunity and allows the device to be driven from
slowly rising or falling waveforms.
Package Types(1)
8-Pin DFN(2)
NC
IN A
GND
IN B
2
3
4
5
6
7
8
1
8-Pin PDIP
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4423
TC4424
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated.
TC4423 TC4424
NC
OUT A
OUT B
VDD
TC4423
TC4424
TC4425
NC
OUT A
OUT B
VDD
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
IN A
NC
GND
GND
NC
IN B
NC
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
15
14
TC4423
TC4424
TC4425
16-Pin SOIC (Wide)
NC
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
OUT A
VDD
VDD
OUT B
OUT B
NC
OUT A
TC4423 TC4424 TC4425
NC
TC4425
TC4425
NC
OUT A
OUT B
VDD
TC4423 TC4424
NC
OUT A
OUT B
VDD
TC4425
NC
OUT A
OUT B
VDD
3A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4423VG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4423VMF MICROCHIP-TC4423VMF Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

Similar Description - TC4423VG

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2005
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com