Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423M Datasheet (PDF) - Microchip Technology

TC4423M Datasheet PDF - Microchip Technology
Part # TC4423M
Download  TC4423M Download
File Size   225.27 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A Dual High-Speed Power MOSFET Drivers

TC4423M Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4423M Datasheet PDF - Microchip Technology

Part # TC4423M
Download  TC4423M Click to download

File Size   225.27 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A Dual High-Speed Power MOSFET Drivers

TC4423M Datasheet (HTML) - Microchip Technology


TC4423M Product details

General Description
The TC4423M/TC4424M/TC4425M devices are a family of 3A, dual output buffers/MOSFET drivers. Pin-compatible with both the TC4426M/TC4427M/ TC4428M and TC4426AM/4427AM/4428AM families (dual 1.5A drivers), the TC4423M/TC4424M/TC4425M family has an increased latch-up current rating of 1.5A, making them even more robust for operation in harsh electrical environments.

Features
• High Peak Output Current: 3A
• Wide Input Supply Voltage Operating Range: - 4.5V to 18V
• High Capacitive Load Drive Capability: - 1800 pF in 25 ns
• Short Delay Times: <40 ns (typ)
• Matched Rise/Fall Times
• Low Supply Current:
   - With Logic ‘1’ Input – 3.5 mA (Max)
   - With Logic ‘0’ Input – 350 µA (Max)
• Low Output Impedance: 3.5Ω (typ)
• Latch-Up Protected: Will Withstand 1.5A Reverse Current
• Logic Input: Will Withstand Negative Swing Up To 5V
• ESD Protected: 4 kV
• Pin-compatible with the TC4426M/TC4427M/ TC4428M and TC4426AM/TC4427AM/ TC4428AM devices
• Wide Operating Temperature Range: - -55°C to +125°C
• See TC4423/TC4424/TC4425 Data Sheet (DS21421) for additional temperature range and packaging offerings

Applications
• Switch-mode Power Supplies
• Pulse Transformer Drive
• Line Drivers




Similar Part No. - TC4423M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423MJA TELCOM-TC4423MJA Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423MJA MICROCHIP-TC4423MJA Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results


Similar Description - TC4423M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com