Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423M Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4423M
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423M Datasheet(HTML) 1 Page - Microchip Technology

  TC4423M Datasheet HTML 1Page - Microchip Technology TC4423M Datasheet HTML 2Page - Microchip Technology TC4423M Datasheet HTML 3Page - Microchip Technology TC4423M Datasheet HTML 4Page - Microchip Technology TC4423M Datasheet HTML 5Page - Microchip Technology TC4423M Datasheet HTML 6Page - Microchip Technology TC4423M Datasheet HTML 7Page - Microchip Technology TC4423M Datasheet HTML 8Page - Microchip Technology TC4423M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21937A-page 1
TC4423M/TC4424M/TC4425M
Features
• High Peak Output Current: 3A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability:
- 1800 pF in 25 ns
• Short Delay Times: <40 ns (typ)
• Matched Rise/Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 3.5 mA (Max)
- With Logic ‘0’ Input – 350 µA (Max)
• Low Output Impedance: 3.5
Ω (typ)
• Latch-Up Protected: Will Withstand 1.5A Reverse
Current
• Logic Input: Will Withstand Negative Swing Up To
5V
• ESD Protected: 4 kV
• Pin-compatible with the TC4426M/TC4427M/
TC4428M and TC4426AM/TC4427AM/
TC4428AM devices
• Wide Operating Temperature Range:
- -55°C to +125°C
• See TC4423/TC4424/TC4425 Data Sheet
(DS21421) for additional temperature range and
packaging offerings
Applications
• Switch-mode Power Supplies
• Pulse Transformer Drive
• Line Drivers
General Description
The TC4423M/TC4424M/TC4425M devices are a
family of 3A, dual output buffers/MOSFET drivers. Pin-
compatible
with
both
the
TC4426M/TC4427M/
TC4428M and TC4426AM/4427AM/4428AM families
(dual 1.5A drivers), the TC4423M/TC4424M/TC4425M
family has an increased latch-up current rating of 1.5A,
making them even more robust for operation in harsh
electrical environments.
As
MOSFET
drivers,
the
TC4423M/TC4424M/
TC4425M can easily charge 1800 pF gate capacitance
in
under
35 nsec,
while
providing
low
enough
impedances in both the on and off states to ensure the
MOSFET's intended state will not be affected, even by
large transients.
The TC4423M/TC4424M/TC4425M inputs may be
driven directly from either TTL or CMOS (2.4V to 18V).
In addition, 300 mV of hysteresis is built-in to provide
noise immunity and to allow the device to be driven
from slowly rising or falling waveforms.
Package Types
8-Pin CERDIP
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4423M TC4424M
NC
OUT A
OUT B
VDD
TC4425M
NC
OUT A
OUT B
VDD
3A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4423M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423MJA TELCOM-TC4423MJA Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423MJA MICROCHIP-TC4423MJA Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results

Similar Description - TC4423M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
2007
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com