Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423M Datasheet(PDF) 9 Page - Microchip Technology

Part # TC4423M
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423M Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC4423M Datasheet HTML 5Page - Microchip Technology TC4423M Datasheet HTML 6Page - Microchip Technology TC4423M Datasheet HTML 7Page - Microchip Technology TC4423M Datasheet HTML 8Page - Microchip Technology TC4423M Datasheet HTML 9Page - Microchip Technology TC4423M Datasheet HTML 10Page - Microchip Technology TC4423M Datasheet HTML 11Page - Microchip Technology TC4423M Datasheet HTML 12Page - Microchip Technology TC4423M Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21937A-page 9
TC4423M/TC4424M/TC4425M
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Input A (IN A)
IN A is a TTL/CMOS-compatible input that controls
OUT A. This input has 300 mV of hysteresis between
the high and low input levels that allows it to be driven
from slow rising and falling signals, as well as providing
noise immunity.
3.2
Input B (IN B)
IN B is a TTL/CMOS-compatible input that controls
OUT B. This input has 300 mV of hysteresis between
the high and low input levels that allows it to be driven
from slow rising and falling signals, as well as providing
noise immunity.
3.3
Output B (OUT B)
OUT B is a CMOS push-pull output that is capable of
sourcing and sinking 3A peaks of current (VDD = 18V).
The low output impedance ensures the gate of the
external MOSFET will stay in the intended state even
during large transients. This output also has a reverse
current latch-up rating of 1.5A.
3.4
Output A (OUT A)
OUT A is a CMOS, push-pull output that is capable of
sourcing and sinking 3A peaks of current (VDD = 18V).
The low output impedance ensures the gate of the
external MOSFET will stay in the intended state even
during large transients. This output also has a reverse
current latch-up rating of 1.5A.
3.5
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local ceramic capacitor.
This bypass capacitor provides a localized low-
impedance path for the peak currents that are to be
provided to the load.
3.6
Ground (GND)
GND is the device return pin. The ground pin(s) should
have a low-impedance connection to the bias supply
source return. High peak currents will flow out the
ground pin(s) when the capacitive load is being
discharged.
8-Pin
CERDIP
Symbol
Description
1
NC
No connection
2
IN A
Input A
3
GND
Ground
4
IN B
Input B
5
OUT B
Output B
6VDD
Supply input
7
OUT A
Output A
8
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com