Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423M Datasheet(PDF) 12 Page - Microchip Technology

Part # TC4423M
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423M Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC4423M Datasheet HTML 8Page - Microchip Technology TC4423M Datasheet HTML 9Page - Microchip Technology TC4423M Datasheet HTML 10Page - Microchip Technology TC4423M Datasheet HTML 11Page - Microchip Technology TC4423M Datasheet HTML 12Page - Microchip Technology TC4423M Datasheet HTML 13Page - Microchip Technology TC4423M Datasheet HTML 14Page - Microchip Technology TC4423M Datasheet HTML 15Page - Microchip Technology TC4423M Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC4423M/TC4424M/TC4425M
DS21937A-page 12
© 2005 Microchip Technology Inc.
8-Lead Ceramic Dual In-line – 300 mil (CERDIP)
10.16
9.15
8.13
.400
.360
.320
eB
Overall Row Spacing
0.51
0.46
0.41
.020
.018
.016
B
Lower Lead Width
1.65
1.40
1.14
.065
.055
.045
B1
Upper Lead Width
0.38
0.29
0.20
.015
.012
.008
c
Lead Thickness
5.08
4.13
3.18
.200
.163
.125
L
Tip to Seating Plane
10.16
9.78
9.40
.400
.385
.370
D
Overall Length
7.62
6.73
5.84
.300
.265
.230
E1
Ceramic Pkg. Width
8.13
7.75
7.37
.320
.305
.290
E
Shoulder to Shoulder Width
1.02
0.77
0.51
.040
.030
.020
A1
Standoff §
5.08
4.57
4.06
.200
.180
.160
A
Top to Seating Plane
2.54
.100
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
JEDEC Equivalent: MS-030
Drawing No. C04-010
*Controlling Parameter
1
2
D
n
E1
c
eB
E
p
L
A2
B
B1
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com