Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL6325G Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6325G
Description  AlGaInP Laser Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6325G Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6325G Datasheet HTML 1Page - Opnext. Inc. HL6325G Datasheet HTML 2Page - Opnext. Inc. HL6325G Datasheet HTML 3Page - Opnext. Inc. HL6325G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6325G/26G
Rev.0 Jul. 01, 2005 page 2 of 4
Typical Characteristic Curves
6
5
4
3
2
1
0
080
70
Forward current, IF (mA)
Optical Output Power vs. Forward Current
60
30
10
20
40
50
TC = -10°C
50°C
60°C
25°C
0.2
0.4
0.6
0.8
1.0
-40 -30 -20 -10
040
30
20
10
Angle,
θ ( ° )
0
Far Field Pattern
PO = 5 mW
TC = 25°C
Parallel
Perpendicular
Case temperature, TC (°C)
-10
0
50
60
40
30
20
10
100
50
10
Threshold Current vs. Case Temperature
20
Slope Efficiency vs. Case Temperature
Case temperature, TC (°C)
-10
0
60
50
40
30
20
10
0
0.2
0.4
0.6
0.8
1.0
Monitor Current vs. Case Temperature
-10
0
10
20
30
40
0
0.05
0.10
0.15
0.20
50
60
Case temperature, TC (°C)
PO = 5 mW
VR(PD) = 5 V
Lasing Wavelength vs. Case Temperature
630
635
645
650
640
-10
0
10
20
30
40
50
60
Case temperature, TC (°C)
PO = 5 mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com