Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HL6325G Datasheet(PDF) 3 Page - Opnext. Inc.

Part # HL6325G
Description  AlGaInP Laser Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6325G Datasheet(HTML) 3 Page - Opnext. Inc.

  HL6325G Datasheet HTML 1Page - Opnext. Inc. HL6325G Datasheet HTML 2Page - Opnext. Inc. HL6325G Datasheet HTML 3Page - Opnext. Inc. HL6325G Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HL6325G/26G
Rev.0 Jul. 01, 2005 page 3 of 4
Package Dimensions
OPJ Code
JEDEC
JEITA
Mass (reference value)
LD/G2
—
—
1.1 g
1
2
3
1
2
3
9.0
+0
–0.025
φ
1.0 ± 0.1
(0.65)
φ
7.2
+0.3
–0.2
φ
φ 6.2 ± 0.2
( 2.0)
φ
Emitting Point
3 –
0.45 ± 0.1
φ 2.54 ± 0.35
As of July, 2002
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com