Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK628D Datasheet(PDF) 21 Page - Rockchip Electronics Co., Ltd

Part # RK628D
Description  Rockchip RK628D Datasheet
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK628D Datasheet(HTML) 21 Page - Rockchip Electronics Co., Ltd

Back Button RK628D Datasheet HTML 13Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 14Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 15Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 16Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK628D Datasheet HTML 21Page - Rockchip Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
RK628D Datasheet
Rev 1.0
Copyright 2020 © Rockchip Electronics Co., Ltd.
21
Parameters
Symbol
Min
Typ
Max
Units
Pullup Resistor
Rpu
26
46
71
Kohm
Pulldown Resistor
Rpd
27
48
102
Kohm
Digital GPIO
@1.8V for
GPIO0/1/2/3
Input Low Voltage
Vil
-0.3
NA
0.58
V
Input High Voltage
Vih
1.27
NA
3.15
V
Output Low Voltage
Vol
NA
NA
0.45
V
Output High Voltage
Voh
1.40
NA
NA
V
Threshold Point
Vtr+
0.9
0.95
1.01
V
Vtr-
0.91
0.97
1.03
V
Pullup Resistor
Rpu
33
58
88
Kohm
Pulldown Resistor
Rpd
34
60
93
Kohm
3.4 Recommended Operating Frequency
Table 3-4 RK628D Recommended Operating Frequency
Parameter
Condition
Symbol
Min
Typ
Max
Unit
CPLL
0.9V , 25
℃
cpll
MHz
0.99V , -40
℃
0.81V , 125
℃
1600
GPLL
0.9V , 25
℃
gpll
MHz
0.99V , -40
℃
0.81V , 125
℃
1600
HDMI RX CTRL
0.9V , 25
℃
dclk_rx
MHz
0.99V , -40
℃
0.81V , 125
℃
375
Process
0.9V , 25
℃
sclk
MHz
0.99V , -40
℃
0.81V , 125
℃
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com