Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911B Datasheet(PDF) 6 Page - Microchip Technology

Part # TC911B
Description  Monolithic Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911B Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC911B Datasheet HTML 2Page - Microchip Technology TC911B Datasheet HTML 3Page - Microchip Technology TC911B Datasheet HTML 4Page - Microchip Technology TC911B Datasheet HTML 5Page - Microchip Technology TC911B Datasheet HTML 6Page - Microchip Technology TC911B Datasheet HTML 7Page - Microchip Technology TC911B Datasheet HTML 8Page - Microchip Technology TC911B Datasheet HTML 9Page - Microchip Technology TC911B Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC911A/TC911B
DS21481C-page 6
© 2005 Microchip Technology Inc.
4.0
TYPICAL APPLICATIONS
FIGURE 4-1:
THERMOMETER CIRCUIT
FIGURE 4-2:
10-VOLT PRECISION
REFERENCE
FIGURE 4-3:
PROGRAMMABLE GAIN AMPLIFIER WITH INPUT MULTIPLEXER
+9V
TC911
REF02
–
+
VOUT
R2
R3
R1
ADJ
Temp
Out
VREF
VOUT = VTEMP 1 + R2
[
() VREF
–
] [
R2 ]
1 + R2
[
R3 + R1
()]
d (VTEMP)
d VOUT
≈ K (2.1 mV/C)
K = 1 +
R2
dT
R3 X R1
dT
R3 + R1
R1
R3 X R1
R3 X R1
≈
+
–
TC911
18 k
6.4 k
3.6 k
6.4V
4
6
7
3
2
0.1µF
+15V
VOUT = 10V
+
–
TC911
A1 A2 A3 A4 WR
+5V
–5V
GND
+5V –5V
+5V
-5V
1
VOUT
2k
18k
Input
Channel
Select
68HC11
Gain
Select
A1 A2
A3 A4
WR
Latch
GND
10
X
100
1000
XX
X
99k
999k
1k
1k
IN1
IN2
IN3
IN4
IC1b
IC1b
IC1a, b, = Quad Analog Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com