Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC911B Datasheet(PDF) 7 Page - Microchip Technology

Part # TC911B
Description  Monolithic Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911B Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC911B Datasheet HTML 3Page - Microchip Technology TC911B Datasheet HTML 4Page - Microchip Technology TC911B Datasheet HTML 5Page - Microchip Technology TC911B Datasheet HTML 6Page - Microchip Technology TC911B Datasheet HTML 7Page - Microchip Technology TC911B Datasheet HTML 8Page - Microchip Technology TC911B Datasheet HTML 9Page - Microchip Technology TC911B Datasheet HTML 10Page - Microchip Technology TC911B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2005 Microchip Technology Inc.
DS21481C-page 7
TC911A/TC911B
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
450
-100
Ambient Temperature (˚C)
400
350
300
250
200
-50
0
50
100
150
Supply Current vs. Temperature
VS = ±5V
35
-6
Input Common Mode Voltage (V)
Input Offset Voltage vs.
Common-Mode Voltage
30
25
20
15
10
5
0
-5
-4
-3
-2
-1
01234
VS = ±5V
TA = +25˚C
700
600
500
400
300
200
100
0
2345678
± Supply Voltage (V)
TA = +25˚C
Supply Current vs. ± Supply Voltage
Horizontal Scale = 2µs/DIV
Large Signal Output
Switching Waveform
RL = 10k
TA = +25˚C
0V
Input Vertical Scale = 2 V/DIV
Output
Vertical
Scale
= 1 V/DIV
50
10k
Frequency (Hz)
Gain and Phase vs. Frequency
40
30
20
10
0
-10
-20
-30
-40
100k
1M
10M
PHASE
GAIN
VS = ±5V
TA = +25˚C
RL = 10kΩ
225
180
135
90
45
0
-45
-90
-135
-180
100
Load Resistance (
Ω)
Output Voltage Swing vs.
Load Resistance
5.0
VS = ±5V
TA = +25˚C
–Swing
+Swing
4.2
3.4
2.6
1.8
1.0
1k
10k
100k
1M
5.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com