Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM811 Datasheet(PDF) 13 Page - Microchip Technology

Part # TCM811
Description  4-Pin Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TCM811 Datasheet HTML 8Page - Microchip Technology TCM811 Datasheet HTML 9Page - Microchip Technology TCM811 Datasheet HTML 10Page - Microchip Technology TCM811 Datasheet HTML 11Page - Microchip Technology TCM811 Datasheet HTML 12Page - Microchip Technology TCM811 Datasheet HTML 13Page - Microchip Technology TCM811 Datasheet HTML 14Page - Microchip Technology TCM811 Datasheet HTML 15Page - Microchip Technology TCM811 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21615C-page 13
TCM811/TCM812
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
XXXX
Reset
Package
Temperature
Range
Device
Device:
TCM811: 4-Pin µP Reset Monitor (RESET low)
TCM812: 4-Pin µP Reset Monitor (RESET high)
Threshold Voltage:
(typical)
L
= 4.63V
M = 4.38V
T
= 3.08V
S = 2.93V
R = 2.63V
F
= 1.75V
Temperature
Range:
E= -40
°C to +85°C
Package:
RCTR =
Plastic Small Outline Transistor (RC) SOT-143,
4 lead, (tape and reel).
Examples:
a)
TCM811LERCTR:
4.63V
b)
TCM811MERCTR:
4.38V
c)
TCM811TERCTR:
3.08V
d)
TCM811SERCTR:
2.93V
e)
TCM811RERCTR:
2.63V
f)
TCM811FERCTR:
1.75V
a)
TCM812LERCTR:
4.63V
b)
TCM812MERCTR:
4.38V
c)
TCM812TERCTR:
3.08V
d)
TCM812SERCTR:
2.93V
e)
TCM812RERCTR:
2.63V
f)
TCM812FERCTR:
1.75V
X
Threshold
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com