Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCM811 Datasheet(PDF) 2 Page - Microchip Technology

Part # TCM811
Description  4-Pin Reset Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM811 Datasheet(HTML) 2 Page - Microchip Technology

  TCM811 Datasheet HTML 1Page - Microchip Technology TCM811 Datasheet HTML 2Page - Microchip Technology TCM811 Datasheet HTML 3Page - Microchip Technology TCM811 Datasheet HTML 4Page - Microchip Technology TCM811 Datasheet HTML 5Page - Microchip Technology TCM811 Datasheet HTML 6Page - Microchip Technology TCM811 Datasheet HTML 7Page - Microchip Technology TCM811 Datasheet HTML 8Page - Microchip Technology TCM811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TCM811/TCM812
DS21615C-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (
VDD to GND)........................................+6.0V
RESET, RESET.................................... - 0.3V to (
V
DD + 0.3V)
Input Current,
VDD........................................................20 mA
Output Current, RESET, RESET...................................20 mA
Operating Temperature Range......................– 40°C to +85°C
Storage Temperature Range .......................– 65°C to +150°C
Maximum Junction Temperature, T
S.............................. 150°C
*Notice: Stresses beyond those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
VDD = 5V for L/M versions, VDD = 3.3V for T/S versions, VDD = 3V for R version, VDD = 2.0V for F version.
Unless otherwise noted, TA = –40°C to +85°C. Typical values are at TA = +25°C. (Note 1)
Parameters
Sym
Min
Typ
Max
Units
Conditions
VDD Range
VDD
1.0
1.1
—
—
5.5
5.5
VTCM811
TCM812
Supply Current
ICC
—
6
15
µA
TCM81_L/M, VDD = 5.5V, IOUT = 0
—
4.75
10
µA
TCM81_R/S/T/F, VDD = 3.6V,
IOUT =0
Reset Threshold
VTH
4.54
4.50
4.63
—
4.72
4.75
V
V
TCM81_L: TA = +25°C
TA = –40°C to +85°C
4.30
4.25
4.38
—
4.46
4.50
V
V
TCM81_M: TA = +25°C
TA = –40°C to +85°C
3.03
3.00
3.08
—
3.14
3.15
V
V
TCM81_T: TA = +25°C
TA = –40°C to +85°C
2.88
2.85
2.93
—
2.98
3.00
V
V
TCM81_S: TA = +25°C
TA = –40°C to +85°C
2.58
2.55
2.63
—
2.68
2.70
V
V
TCM81_R: TA = +25°C
TA = –40°C to +85°C
1.71
1.70
1.75
—
1.79
1.80
V
V
TCM81_F: TA = +25°C
TA = –40°C to +85°C
Reset Threshold Tempco
—
30
—
ppm/° C
VDD to Reset Delay
—
20
—
µs
VDD = VTH to VTH –125 mV;
TCM81_L/M
—5
—
µs
VDD = VTH to VTH –125 mV;
TCM81_R/S/T/F
Reset Active Timeout Period
tRP
140
280
560
ms
VDD = VTH(MAX)
MR Minimum Pulse Width
tMR
10
—
—
µs
MR Glitch Immunity
—
100
—
ns
MR to Reset Propagation
Delay
tMD
—0.5
—
µs
Note 1: Production testing done at T
A = +25°C and +85°C, overtemperature limits are tested with periodic QA tests
in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com