Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912A/PCBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9912A/PCBZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912A/PCBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9912A/PCBZ Datasheet HTML 29Page - Analog Devices AD9912A/PCBZ Datasheet HTML 30Page - Analog Devices AD9912A/PCBZ Datasheet HTML 31Page - Analog Devices AD9912A/PCBZ Datasheet HTML 32Page - Analog Devices AD9912A/PCBZ Datasheet HTML 33Page - Analog Devices AD9912A/PCBZ Datasheet HTML 34Page - Analog Devices AD9912A/PCBZ Datasheet HTML 35Page - Analog Devices AD9912A/PCBZ Datasheet HTML 36Page - Analog Devices AD9912A/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Data Sheet
AD9912
I/O REGISTER DESCRIPTIONS
analog.com
Rev. G | 33 of 38
Table 16. (Continued)
Bits
Bit Name
Description
0
Digital PD
Removes clock from most of digital section; leave serial port usable. In contrast to full PD, setting this bit does not debias
inputs, allowing for quick wake-up.
Register 0x0011—Reserved
Register 0x0012—Reset (Autoclearing)
To reset the entire chip, the user can use the (non-autoclearing) soft reset bit in Register 0x0000.
Table 17.
Bits
Bit Name
Description
0
DDS reset
Reset of the direct digital synthesis block. Reset of this block is very seldom needed.
Register 0x0013—Reset (Continued) (Not Autoclearing)
Table 18.
Bits
Bit Name
Description
7
PD fund DDS
Setting this bit powers down the DDS fundamental output but not the spurs. It is used during tuning of the SpurKiller circuit.
3
S-div/2 reset
Asynchronous reset for S prescaler.
1
S-divider reset
Synchronous (to S-divider prescaler output) reset for integer divider.
SYSTEM CLOCK (REGISTER 0X0020 TO REGISTER 0X0022)
Register 0x0020—N-Divider
Table 19.
Bits
Bit Name
Description
[4:0]
N-divider
These bits set the feedback divider for system clock PLL. There is a fixed divide-by-2 preceding this block, as well as an offset
of 2 added to this value. Therefore, setting this register to 00000 translates to an overall feedback divider ratio of 4. See Figure
45.
Register 0x0021—Reserved
Register 0x0022—PLL Parameters
Table 20.
Bits
Bit Name
Description
7
VCO auto range
Automatic VCO range selection. Enabling this bit allows Bit 2 of this register to be set automatically.
[6:4]
Reserved
Reserved.
3
2× reference
Enables a frequency doubler prior to the SYSCLK PLL and can be useful in reducing jitter induced by the SYSCLK PLL. See
Figure 44.
2
VCO range
Selects low range or high range VCO.
0 = low range (700 MHz to 810 MHz).
1 = high range (900 MHz to 1000 MHz). For system clock settings between 810 MHz and 900 MHz, use the VCO auto range
(Bit 7) to set the correct VCO range automatically.
[1:0]
Charge pump current
Charge pump current.
00 = 250 μA.
01 = 375 μA.
10 = off.
11= 125 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com