Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912A/PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9912A/PCBZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912A/PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9912A/PCBZ Datasheet HTML 30Page - Analog Devices AD9912A/PCBZ Datasheet HTML 31Page - Analog Devices AD9912A/PCBZ Datasheet HTML 32Page - Analog Devices AD9912A/PCBZ Datasheet HTML 33Page - Analog Devices AD9912A/PCBZ Datasheet HTML 34Page - Analog Devices AD9912A/PCBZ Datasheet HTML 35Page - Analog Devices AD9912A/PCBZ Datasheet HTML 36Page - Analog Devices AD9912A/PCBZ Datasheet HTML 37Page - Analog Devices AD9912A/PCBZ Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Data Sheet
AD9912
I/O REGISTER DESCRIPTIONS
analog.com
Rev. G | 36 of 38
DOUBLER AND OUTPUT DRIVERS (REGISTER 0X0200 TO REGISTER 0X0201)
Register 0x0200—HSTL Driver
Table 32.
Bits
Bit Name
Description
4
OPOL
Output polarity. Setting this bit inverts the HSTL driver output polarity.
[3:2]
Reserved
Reserved.
[1:0]
HSTL output doubler
HSTL output doubler.
01 = doubler disabled.
10 = doubler enabled. When using doubler, Bit 5 in Register 0x0010 must also be set to 1.
Register 0x0201—CMOS Driver
Table 33.
Bits
Bit Name
Description
0
CMOS mux
This bit allows the user to select whether the CMOS driver output is divided by the S-divider.
0 = S-divider input sent to CMOS driver.
1 = S-divider output sent to CMOS driver. See Figure 39.
CALIBRATION (USER-ACCESSIBLE TRIM) (REGISTER 0X0400 TO REGISTER 0X0410)
Register 0x0400 to Register 0x040A—Reserved
Register 0x040B—DAC Full-Scale Current
Table 34.
Bits
Bit Name
Description
[7:0]
DAC full-scale current
DAC full-scale current, Bits[7:0]. See the Digital-to-Analog (DAC) Output section.
Register 0x040C—DAC Full-Scale Current (Continued)
Table 35.
Bits
Bit Name
Description
[9:8]
DAC full-scale current
DAC full-scale current, Bits[9:8]. See Register 0x040B.
Register 0x040D to Register 0x0410—Reserved
HARMONIC SPUR REDUCTION (REGISTER 0X0500 TO REGISTER 0X0509)
See the Harmonic Spur Reduction section.
Register 0x0500—Spur A
Table 36.
Bits
Bit Name
Description
7
HSR-A enable
Harmonic Spur Reduction A enable.
6
Amplitude gain × 2
Setting this bit doubles the gain of the cancelling circuit and also doubles the minimum step size.
[5:4]
Reserved
Reserved.
[3:0]
Spur A harmonic
Spur A Harmonic 1 to Spur A Harmonic 15. Allows user to choose which harmonic to eliminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com