Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/FDPCB Datasheet(PDF) 6 Page - Analog Devices

Part # AD9858/FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/FDPCB Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9858/FDPCB Datasheet HTML 2Page - Analog Devices AD9858/FDPCB Datasheet HTML 3Page - Analog Devices AD9858/FDPCB Datasheet HTML 4Page - Analog Devices AD9858/FDPCB Datasheet HTML 5Page - Analog Devices AD9858/FDPCB Datasheet HTML 6Page - Analog Devices AD9858/FDPCB Datasheet HTML 7Page - Analog Devices AD9858/FDPCB Datasheet HTML 8Page - Analog Devices AD9858/FDPCB Datasheet HTML 9Page - Analog Devices AD9858/FDPCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9858
Rev. C | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
AVDD
4 V
DVDD
4 V
CPVDD
6 V
Digital Input Voltage Range
−0.7 V to +VDD
Digital Output Current
5 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL PERFORMANCE
Table 3.
Symbol
Description (Using a 2S2P Test Board)
Value (°C/W)
θ
JA
Junction-to-ambient thermal resistance,
0.0 m/sec airflow per JEDEC JESD51-2
(still air)
19.8
θ
JMA
Junction-to-ambient thermal resistance,
1.0 m/sec airflow per JEDEC JESD51-6
(moving air)
15.6
θ
JMA
Junction-to-ambient thermal resistance,
2.0 m/sec airflow per JEDEC JESD51-6
(moving air)
14.6
θ
JB
Junction-to-board thermal resistance,
1.0 m/sec airflow per JEDEC JESD51-8
(moving air)
8.2
θ
JC
Junction-to-case thermal resistance
(die to heat sink) per MIL-STD-883,
Method 1012.1
0.6
ΨJT
Junction-to-top-of-package
characterization parameter, 0 m/sec
airflow per JEDEC JESD51-2 (still air)
0.15
The AD9858 is specified for a case temperature (TCASE). To ensure
that TCASE is not exceeded, an airflow source may be used.
To determine the junction temperature on the application
printed circuit board (PCB),
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured by the customer at
the top center of package.
ΨJT is found in Table 3.
PD is the power dissipation (see the total power dissipation in
Table 1).
Values of θJA are provided for package comparison and
PCB design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJB are provided for package comparison and PCB
design considerations (see Table 3).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required
(see Table 3).
EXPLANATION OF TEST LEVELS
I.
100% production tested.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
Devices are 100% production tested at 25°C and guaranteed
by design and characterization testing for industrial
operating temperature range.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com