Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/FDPCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9858/FDPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/FDPCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9858/FDPCB Datasheet HTML 6Page - Analog Devices AD9858/FDPCB Datasheet HTML 7Page - Analog Devices AD9858/FDPCB Datasheet HTML 8Page - Analog Devices AD9858/FDPCB Datasheet HTML 9Page - Analog Devices AD9858/FDPCB Datasheet HTML 10Page - Analog Devices AD9858/FDPCB Datasheet HTML 11Page - Analog Devices AD9858/FDPCB Datasheet HTML 12Page - Analog Devices AD9858/FDPCB Datasheet HTML 13Page - Analog Devices AD9858/FDPCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9858
Rev. C | Page 10 of 32
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START: 0Hz
50MHz/
STOP: 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
REF LVL
0dBm
RBW
VBW
SWT
MARKER 1 [T1]
–1.60dBm
375.0MHz
1
Figure 9. Wideband SFDR, 375 MHz fOUT
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 216.1MHz
100kHz/
SPAN 1MHz
300Hz
300Hz
56s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
Figure 10. Narrow-Band SFDR, 216 MHz fOUT,
1 MHz BW, 1 GHz Clock, Divider Off
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 216.1MHz
100kHz/
SPAN 1MHz
300Hz
300Hz
56s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
Figure 11. Narrow-Band SFDR, 216 MHz fOUT,
1 MHz BW, 2 GHz Clock, Divider On
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 375.1MHz
500kHz/
SPAN 5MHz
500Hz
500Hz
100s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
MARKER 1 [T1]
–1.35dBm
375.10501002MHz
1
Figure 12. Narrow-Band SFDR, 375 MHz fOUT, 1 MHz BW
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START: 0Hz
50MHz/
STOP: 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
REF LVL
0dBm
RBW
VBW
SWT
MARKER 1 [T1]
–0.94dBm
216.0MHz
1
Figure 13. Wideband SFDR, 216 MHz fOUT, 1 GHz Clock, Divider Off
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START: 0Hz
50MHz/
STOP: 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
REF LVL
0dBm
RBW
VBW
SWT
MARKER 1 [T1]
–0.97dBm
216.0MHz
1
Figure 14. Wideband SFDR, 216 MHz fOUT, 2 GHz Clock, Divider On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com