Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FT8U-R-A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT8U-R-A
Description  TRIACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT8U-R-A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT8U-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
3FT8C/U/V/F1
版本:
202005I
2/9
有卤-袋装
无卤-袋装
有卤-条管
无卤-条管
3FT8F1
TO-220MF-K1
Halogen-Bag
Halogen-Free-Bag
Halogen-Tube
Halogen-Free-
Tube
3FT8F1-F1-C
3FT8F1-F1-CR
3FT8F1-F1-B
3FT8F1-F1-BR
绝对最大额定值
ABSOLUTE RATINGS (TC=25℃)
项
目
Parameter
符
号
Symbol
试 验 条 件
Condition
数 值
Value
单位
Unit
重复峰值断态电压
Repetitive peak off-state voltage
VDRM
±800
V
通态方均根电流 On-state RMS current I
T(RMS)
full sine wave
8
A
非 重 复 浪 涌 峰 值 通 态 电 流 Non-
repetitive surge peak on-state current
ITSM
full sine wave ,t=20ms
65
A
full sine wave ,t=16.7ms
71
A
I2t
t=10ms
21
A2s
通态电流临界上升率 Repetitive rate of
rise of on-state current after triggering
dI/dt
ITM=12A, IG=0.2A,
dIG/dt=0.2A/μs
50
A/μs
峰值门极电流 Peak gate current
IGM
2
A
峰值门极电压 Peak gate voltage
VGM
5
V
峰值门极功率 Peak gate power
PGM
5
W
平均门极功率 Average gate power
PG(AV)
over any 20ms period
0.5
W
存储温度
Storage temperature
Tstg
-40~150
℃
操作结温 Operation junction temperature
TVJ
125
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com