Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FT8U-R-A Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT8U-R-A
Description  TRIACS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT8U-R-A Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT8U-R-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT8U-R-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
R
3FT8C/U/V/F1
版本:
202005I
3/9
电特性 ELECTRICAL CHARACTERISTIC (TC=25℃)
项
目
Parameter
符 号
Symbol
测 试 条 件
Condition
最小
Min
典型
Typ
最大
Max
单位
Unit
峰值重复断态电流
Peak Repetitive Blocking
Current
IDRM
VDM=VDRM, Tj=125℃,
gate open
-
0.1
0.5
mA
峰值通态电压
Peak on-state voltage
VTM
ITM=10A
-
1.35
1.65
V
门极触发电压
Gate trigger voltage
VGT
VDM=12V,RL=100Ω
-
-
1.5
V
门极开通时间Gate
controlled turn-on time
tgt
ITM=12A, VDM=VDRM(MAX),
IG=0.1A, dIG/dt=5A/μS
-
2
-
μs
门极触发电流
Gate trigger current
IGT
VDM=12V,
RL=100Ω
MT1(-),MT2(+),G(+)
-
-
10
mA
MT1(-),MT2(+),G(-)
mA
MT1(+),MT2(-),G(-)
mA
MT1(+),MT2(-),G(+)
-
-
25
mA
维持电流
Holding current
IH
VDM=12V, IGT=0.1A
-
-
20
mA
擎住电流
Latching current
IL
VDM=12V,IGT=0.1A
-
-
35
mA
断态临界电压上升率
Rise of off- state voltage
dV/dt
VDM=67% VDRM(MAX),
Tj=125℃, gate open
-
50
-
V/μs
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
条
件
Condition
最小
Min
典型
Typ
最大
Max
单位
Unit
结到管壳的热阻
Thermal resistance
junctiontocase
Rth(j-c)
full cycle
(TO-220C/DPAK/IPAK)
2.0 ℃/W
full cycle(TO-220MF-K1)
4.5 ℃/W
电绝缘特性 ELECTRICAL ISOLATION
项
目
Parameter
符
号
Symbol
条
件
Condition
数 值
Value
单位
Unit
绝缘电压
Isolation voltage
VISOL
1 minute, leads to mounting tab
TO-220MF-K1
2000
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com