Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0605N3A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS0605N3A
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS0605N3A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS0605N3A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
CS0605N3A
版本:202307A
2/6
概述 GENERAL DESCRIPTION
CS0605N3A是玻璃钝化芯片结构的三象限双向晶闸管,产品在第四象限不可触发,具有
较高的使用可靠性。可适用于容易出现较高dV/dt或dI/dt的交流全波控制线路中,特别推荐应用
与电感性负载控制(如电机控制线路)。器件封装形式DPAK。
CS0605N3A is Glass passivated three quadrant triacs, designed for high performance
full-wave ac control applications where high static and dynamic dV/dt and high dI/dt can
occur. They are specially recommended for use on inductive loads such as motor control
circuits. Available package is DPAK.
绝对最大额定值
ABSOLUTE RATINGS (TC=25℃)
项
目
Parameter
符
号
Symbol
试 验 条 件
Condition
数 值
Value
单位
Unit
重复峰值断态电压
Repetitive peak off-state voltage
VDRM
±800
V
通态方均根电流 On-state RMS current
IT(RMS)
full sine wave
6
A
非重复浪涌峰值通态电流 Non-
repetitive surge peak on-state current
ITSM
full sine wave ,t=20ms
80
A
full sine wave ,t=16.7ms
84
A
I2t
t=10ms
32
A2s
通态电流临界上升率 Repetitive rate of
rise of on-state current after triggering
dI/dt
ITM=20A, IG=0.2A,
dIG/dt=0.2A/μs
100
A/μs
峰值门极电流
Peak gate current
IGM
2
A
峰值门极电压
Peak gate voltage
VGM
5
V
峰值门极功率
Peak gate power
PGM
5
W
平均门极功率
Average gate power
PG(AV)
over any 20ms period
0.5
W
存储温度
Storage temperature
Tstg
-40~150
℃
操作结温 Operation junction temperature
TVJ
125
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com