Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0605N3A Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS0605N3A
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS0605N3A Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS0605N3A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS0605N3A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
CS0605N3A
版本:202307A
5/6
外形尺寸 PACKAGE MECHANICAL DATA
DPAKPAK
单位 Unit :mm
A
2.16-2.41
A1
0.97-1.17
A2
0.00-0.15
b
0.63-0.93
b1
5.13-5.53
b2
0.66-0.96
c
0.40-0.60
D
5.80-6.40
E
6.30-6.90
e
2.286 BSC
L
2.50-3.30
L1
1.20-1.80
L2
0.60-1.00
L3
0.85-1.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com