Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS310N4A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # CS310N4A
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

CS310N4A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  CS310N4A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. CS310N4A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
CS310N4A
版本:202308C
2/6
订货信息 ORDER MESSAGES
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-编带弹
带盒装
无卤-编带弹带
盒装
有卤-袋装
无卤-袋装
Halogen-Tape
Halogen-Free
-Tape
Halogen-Bag
Halogen-Free-Bag
CS310N4A-T-E
CS310N4A-T-ER
CS310N4A-T-C
CS310N4A-T-CR
CS310N4A
TO-92
绝对最大额定值
ABSOLUTE RATINGS (TC=25℃)
项
目
Parameter
符
号
Symbol
试 验 条 件
Condition
数 值
Value
单位
Unit
存储温度
Storage temperature range
Tstg
-40~150
℃
操作结温
Operation
junction temperature
range
TJ
-40~125
℃
重复峰值断态电压
Repetitive
peak
off-state
voltage(Tj=25℃,)
VDRM
800
V
重复峰值反向电压
Repetitive
peak
Reverse
voltage(Tj=25℃,)
VRRM
800
V
通态方均根电流 On-state RMS current
IT(RMS)
full sine wave
3.0
A
非重复浪涌峰值通 态电流 Non-
repetitive
surge
peak
on-state
current
ITSM
full sine
wave ,t=20ms(F=50HZ)
25
A
I
2t value for Fusing
I
2t
t=10ms
3.1
A
2s
通态电流临界上升率Repetitive rate of
rise of on-state current after
triggering
dI/dt
ITM=4.5A, IG=0.2A,
dIG/dt=0.2A/μs
50
A/μs
峰值门极电流 Peak gate current
IGM
4
A
峰值门极功率 Peak gate power
PGM
5
W
平均门极功率 Average gate power
PG(AV)
1
W
峰值门极电压 Peak gate voltage
VGM
5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com